Part Number Hot Search : 
M29F01 MC14028 275333K1 00236 MAX3232E 1T397 DS1841T UR4KB60
Product Description
Full Text Search
 

To Download NTE157 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE157 Silicon NPN Transistor Audio Power Amp, High Voltage Converter (Compl to NTE39)
Description: The NTE157 is a silicon NPN transistor in a TO126 type package designed for use in line-operated equipment such as audio output amplifiers, low-current, high-voltage converters, and AC line relays. Features: D Excellent DC Current Gain: hFE = 30 to 250 @ IC = 100mA D Current-Gain - Bandwidth Product: fT = 10MHz (Min) @ IC = 50mA Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V Collector-Base Voltage, VCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 325V Emitter-Base Voltage, VEB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250mA Total Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.16W/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction to case, RJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.25C/W Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Sustaining Voltage Collector-Emitter Breakdown Voltage Collector Cutoff Current VCEO(sus) IC = 100mA (Inductive), L = 50mH V(BR)CEO IC = 1mA, IB = 0 ICEO ICEX ICBO Emitter Cutoff Current IEBO VCE = 200V, IB = 0 VCE = 300V, VEB(off) = 1.5V VCE = 300V, VEB(off) = 1.5V, TC = +100C VCB = 325V, IE = 0 VEB = 6V, IC = 0 300 300 - - - - - - - - - - - - - - 0.1 0.1 1.0 10 10 V V mA mA mA A A Symbol Test Conditions Min Typ Max Unit
Electrical Characteristics (Cont'd): (TC = +25C unless otherwise specified)
Parameter ON Characteristics (Note 1) DC Current Gain hFE IC = 50mA, VCE = 10V IC = 100mA, VCE = 10V IC = 250mA, VCE = 10V IC = 500mA, VCE = 10V Collector-Emitter Saturation Voltage VCE(sat) IC = 100mA, IB = 10mA IC = 250mA, IB = 25mA IC = 500mA, IB = 100mA Base-Emitter Voltage Dynamic Characteristics Current-Gain-Bandwidth Product Output Capacitance Small-Signal Current Gain fT Cob hfe IC = 50mA, VCE = 10V, f = 10MHz, Note 2 VCB = 10V, IE = 0, f = 100kHz IC = 100mA, VCE = 10V, f = 1kHz 10 - 20 - - - - 25 - MHz pF VBE IC = 100mA, VCE = 10V 25 30 15 5 - - - - - - - - - - - - - 250 - - 1 2.5 10 1 V V Symbol Test Conditions Min Typ Max Unit
Note 1. Pulse Test: Pulse Width 300s, Duty Cycle 2%. Note 2. fT is defined as the frequency at which |hfe| extrapolates to unity. .330 (8.38) Max .175 (4.45) Max
.450 (11.4) Max
.118 (3.0) Dia .655 (16.6) Max .030 (.762) Dia E C B
.090 (2.28) .130 (3.3) Max


▲Up To Search▲   

 
Price & Availability of NTE157

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X